Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAR3G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TPAR3G
Description  3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPAR3G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TPAR3G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPAR3G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPAR3G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPAR3G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 2: Whole series with green compound
(TA=25°C unless otherwise noted)
Version: B1511
TPAR3D S1G
TPAR3D
S1
G
Green compound
Note 1: "x" defines voltage from 200V (TPAR3D) to 600V (TPAR3J)
EXAMPLE
EXAMPLE
PART NO.
PART NO.
PACKING CODE
DESCRIPTION
PACKING
TPAR3x
(Note 1, 2)
S1
G
SMPC
1,500/ 7" Plastic reel
S2
SMPC
6,000/ 13" Plastic reel
RATINGS AND CHARACTERISTICS CURVES
TPAR3D - TPAR3J
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING CODE
SUFFIX
0
1
2
3
4
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
Resister or
inductive load
with heat sink
0
25
50
75
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD PEAK
SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
100
0
20406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Pulse width=300μs
1% duty cycle
TJ=25°C
TJ=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com