Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD2G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSD2G
Description  2A, 400V ESD Capability Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD2G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSD2G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD2G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD2G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD2G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD2G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSD2G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSD2G
Taiwan Semiconductor
3
Version:D1705
ORDERING INFORMATION
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSD2G
(Note 1)
H
R5
G
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
SMB
3,000 / 13" Plastic reel
Note:
1. Whole series with green compound (halogen-free)
EXAMPLE
EXAMPLE P/N
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
DESCRIPTION
TSD2G R5G
TSD2G
H
R5
G
AEC-Q101 qualified
Green compound



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com