Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCCS20B505PRBLE Datasheet(PDF) 2 Page - AVX Corporation

Part # SCCS20B505PRBLE
Description  New Low ESR Cylindrical SuperCapacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCCS20B505PRBLE Datasheet(HTML) 2 Page - AVX Corporation

  SCCS20B505PRBLE Datasheet HTML 1Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 2Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 3Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 4Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 5Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 6Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 7Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
082418
SCC LE Series SuperCapacitors
New Low ESR Cylindrical SuperCapacitors
RATINGS & PART NUMBER REFERENCE
QUALIFICATION TEST SUMMARY
AVX Part Number
Diameter
(mm)
Length
(mm)
Rated
Capacitance
(F)
Capacitance
Tolerance
Rated
Voltage
(V)
Rated
Temperature
(°C)
DCL Max
@ 72 Hrs
(µA)
ESR Max
@ 1000
Hz (mΩ)
ESR Max
@ DC
(mΩ)
Peak
Current
(A)
Power
Density
(W/kg)
Max
Energy
(Wh)
Energy
Density
(Wh/kg)
Radial Lead
SCCR20B105PRBLE
8
12
1
+100%/-0%
2.7/2.3*
65/85*
6
120
240
1.09
4339
0.0010
1.21
SCCR20B335PRBLE
8
20
3.3
+100%/-0%
2.7/2.3*
65/85*
12
45
65
3.67
10854
0.0033
2.69
SCCS20B505PRBLE
10
20
5
+100%/-0%
2.7/2.3*
65/85*
15
40
60
5.19
6910
0.0051
2.40
SCCS30B106PRBLE
10
30
10
+100%/-0%
2.7/2.3*
65/85*
30
25
50
9.00
4999
0.0101
2.89
SCCU25B256SRBLE
16
25
25
+30%/-10%
2.7/2.3*
65/85*
60
20
40
16.88
3025
0.0253
3.50
SCCV40B506SRBLE
18
40
50
+30%/-10%
2.7/2.3*
65/85*
75
15
30
27.00
2303
0.0506
4.00
Solder Pin Lead
SCCW50B127SSBLE
22
50
120
+30%/-10%
2.7/2.3*
65/85*
300
6
8
82.65
4050
0.1215
4.50
SCCN50B187SSBLE
25
50
180
+30%/-10%
2.7/2.3*
65/85*
600
7
10
86.79
2955
0.1823
6.16
SCCX50B227SSBLE
30
50
220
+30%/-10%
2.7/2.3*
65/85*
620
5
6
128.02
3038
0.2228
4.64
SCCY68B407SSBLE
35
68
400
+30%/-10%
2.7/2.3*
65/85*
1000
2.2
3
245.45
3352
0.4050
4.66
Weldable Pin Lead
SCCY71B407SLBLE
35
71
400
+30%/-10%
2.7/2.3*
65/85*
1300
1.3
1.8
313.95
5461
0.4050
4.55
SCCY73B407SLBLE
35
73
400
+30%/-10%
2.7/2.3*
65/85*
1000
1.8
2.5
270.00
3845
0.4050
4.45
SCCY83B507SLBLE
35
83
500
+30%/-10%
2.7/2.3*
65/85*
1500
1
1.6
375.00
5110
0.5063
4.73
SCCY83B607SLBLE
35
83
600
+30%/-10%
2.7/2.3*
65/85*
1500
1
1.6
413.27
5110
0.6075
5.68
SCCY85B607SLBLE
35
85
600
+30%/-10%
2.7/2.3*
65/85*
1500
1.6
1.8
389.42
4459
0.6075
5.57
SCCY1KB707SLBLE
35
105
700
+30%/-10%
2.7/2.3*
65/85*
1900
0.9
1.45
468.98
4986
0.7088
5.86
SCCY1AB857SLBLE
35
115
850
+30%/-10%
2.7/2.3*
65/85*
2200
0.8
1.3
545.13
4547
0.8606
5.82
*with appropriate voltage derating operating temperature can be extended to 85°C
Test
Test Method
Parameter
Limits
Life Cycle
Capacitors are cycled between rated voltage and half-rated voltage under constant
current at +25°C for 500,000 cycles
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
High Temperature
Load Life
Temperature: +65°C
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
Voltage: Rated Voltage
Test Duration: 2,000 hours
Storage Temperature
Characteristics
Storage Duration: 1 year
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
No Load
Temperature: +25°C
Vibration Resistance
Amplitude: 1.5mm
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
Frequency: 10 ~ 55Hz
Direction: X, Y, Z for 2 hours each
Humidity
Voltage: Rated Voltage
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
RH: 90%
Temperature: +60°C
Test Duration: 1,500 hours



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com