Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMR22C155PRBA0 Datasheet(PDF) 1 Page - AVX Corporation

Part # SCMR22C155PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMR22C155PRBA0 Datasheet(HTML) 1 Page - AVX Corporation

  SCMR22C155PRBA0 Datasheet HTML 1Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 2Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 3Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 4Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 5Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 6Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 7Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 8Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
082418
SCM Series
Series-Connected SuperCapacitor Modules
HOW TO ORDER
SCM
Series
SuperCap
Module
R
Diameter
Q = 6.3mm
R = 8mm / 9.5mm**
S = 10mm
T = 12.5mm
U = 16mm
14
Case
Length
Two digits
represent
case
length
in mm
C
Voltage
Code
C = 5.0V
D = 5.4V
F = 5.5V
G = 7.5V
H = 6.0V
J = 8.1V
L = 9.0V
QUALITY INSPECTION
Parts are tested for life cycle, high temperature load life, temperature
characteristics, vibration resistance, and humidity characteristics.
See pages 2-5 for more information.
This new series of electrochemical, double-layer, series-connected SuperCapacitor
modules offers excellent pulse power handling characteristics based on the
combination of very high capacitance and very low ESR. Used by themselves or in
conjunction with primary or secondary batteries, they provide extended back up time,
longer battery life, and provide instantaneous power pulses as needed. Offers great
solutions to hold up, energy harvesting, pulse power applications, and battery replacement.
474
Capacitance Code
1st two digits
represent
significant figures
3rd digit represents
multiplier (number
of zeros to follow)
P
Tolerance
P = +100%/-0%
S = +30%/-10%
R
Package/Lead Format
R = Shrink Wrap/Radial
S = Plastic/Radial
TERMINATION
These SuperCapacitors are compatible with hand soldering,
as well as reflow and wave soldering processes, so long as
appropriate precautions are followed. See page 11 for more
information.
B
Package
B = Bulk
T = Tray*
A
Balancing
A = Unbalanced
B = Passive
Balanced
0
Lead Orientation
0 = Straight Leads
1 = Bent Leads*
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
FEATURES
• High Pulse Power Capability
• Low ESR
• Low Leakage Current
• Plastic, Moisture Resistant Version
APPLICATIONS
• Camera Flash Systems
• Energy Harvesting
• GSM/GPRS Pulse Applications
• UPS/Industrial
• Wireless Alarms
• Remote Metering
• Scanners
• Toys and Games
*Inquire about availability
**Plastic/Radial version
SCM Series
Series-Connected SuperCapacitor Modules
1


Similar Part No. - SCMR22C155PRBA0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCM CDE-SCM Datasheet
525Kb / 3P
Single/Dual IGBT Snubber Capacitor Modules
logo
Banner Engineering Corp...
SCM BANNER-SCM Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
Rohm
SCM-013RT ROHM-SCM-013RT Datasheet
191Kb / 1P
Infrared Light Emitting Diodes Top View Type
SCM-013RTT86 ROHM-SCM-013RTT86 Datasheet
191Kb / 1P
Infrared Light Emitting Diodes Top View Type
SCM-014TB ROHM-SCM-014TB Datasheet
189Kb / 8P
Photo Transistor
More results

Similar Description - SCMR22C155PRBA0

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105DCN5R5M ILLINOISCAPACITOR-105DCN5R5M Datasheet
137Kb / 1P
Supercapacitor
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN_17 Datasheet
120Kb / 1P
Supercapacitor
106DCN2R7STJD ILLINOISCAPACITOR-106DCN2R7STJD Datasheet
128Kb / 1P
Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
Supercapacitor
205DCN2R7S ILLINOISCAPACITOR-205DCN2R7S Datasheet
128Kb / 1P
Supercapacitor
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
Supercapacitor
DGH105Q5R5 ILLINOISCAPACITOR-DGH105Q5R5 Datasheet
204Kb / 1P
Supercapacitor
DGH106Q2R7 ILLINOISCAPACITOR-DGH106Q2R7 Datasheet
204Kb / 1P
Supercapacitor
logo
Maxim Integrated Produc...
MAX14736 MAXIM-MAX14736 Datasheet
890Kb / 12P
Protects Battery-Connected Modules with Minimal Power Consumption
Rev 0; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com