Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMS22C255PRBA0 Datasheet(PDF) 3 Page - AVX Corporation

Part # SCMS22C255PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMS22C255PRBA0 Datasheet(HTML) 3 Page - AVX Corporation

  SCMS22C255PRBA0 Datasheet HTML 1Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 2Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 3Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 4Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 5Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 6Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 7Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 8Page - AVX Corporation SCMS22C255PRBA0 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
082418
6.0V/5.5V SCM Series
Series-Connected SuperCapacitor Modules
OPERATING TEMPERATURE RANGE
-40°C to +65°C
AVX Part Number
Diameter
(mm)
Length
(mm)
Rated
Capacitance
(F)
Capacitance
Tolerance
Rated
Voltage
(V)
Rated
Temperature
(°C)
DCL Max
@ 72 Hrs
(µA)
ESR Max
@ 1000 Hz
(mΩ)
ESR Max
@ DC
(mΩ)
Peak
Current
(A)
Power
Density
(W/kg)
Max
Energy
(Wh)
Energy
Density
(Wh/kg)
Shrink Wrap / Radial Lead
SCMQ14F474PRBA0
6.3
14
0.47
+100%/-0%
5.5
65
6
500
3000
0.54
864
0.0020
1.41
SCMQ14H474PRBB0
6.3
14
0.47
+100%/-0%
6.0
65
7
500
3000
0.59
1029
0.0024
1.68
SCMR14F474PRBA0
8
14
0.47
+100%/-0%
5.5
65
6
380
1720
0.71
1005
0.0020
0.94
SCMR14H474PRBB0
8
14
0.47
+100%/-0%
6.0
65
7
380
1720
0.78
1196
0.0024
1.12
SCMR18F105PRBA0
8
18
1
+100%/-0%
5.5
65
6
250
720
1.60
2017
0.0042
1.68
SCMR18H105PRBB0
8
18
1
+100%/-0%
6.0
65
12
250
720
1.74
2400
0.0050
2.00
SCMR22F155PRBA0
8
22
1.5
+100%/-0%
5.5
65
12
200
560
2.24
2091
0.0063
2.03
SCMR22H155PRBB0
8
22
1.5
+100%/-0%
6.0
65
18
200
560
2.45
2488
0.0075
2.42
SCMS22F255PRBA0
10
22
2.5
+100%/-0%
5.5
65
24
180
340
3.72
2373
0.0105
2.33
SCMS22H255PRBB0
10
22
2.5
+100%/-0%
6.0
65
30
180
340
4.05
2762
0.0125
2.72
SCMS32F505PRBA0
10
32
5
+100%/-0%
5.5
65
30
120
150
7.86
3580
0.0210
3.11
SCMS32H505PRBB0
10
32
5
+100%/-0%
6.0
65
36
120
150
8.57
4235
0.0250
3.68
SCMT22F505PRBA0
12.5
22
5
+100%/-0%
5.5
65
30
120
150
7.86
3176
0.0210
2.76
SCMT32F755SRBA0
12.5
32
7.5
+30%/-10%
5.5
65
78
90
120
10.86
3151
0.0315
3.28
SCMT32H755SRBB0
12.5
32
7.5
+30%/-10%
6.0
65
84
90
120
11.84
3600
0.0375
3.75
SCMU33F156SRBB0
16
33
15
+30%/-10%
5.5
65
70
35
50
23.57
3946
0.0630
3.43
Plastic / Radial Lead
SCMR14F474PSBA0
9.5
16
0.47
+100%/-0%
5.5
65
3
380
1720
0.71
541
0.0020
0.51
SCMR14H474PSBB0
9.5
16
0.47
+100%/-0%
6.0
65
7
380
1720
0.78
644
0.0024
0.60
SCMR18F105PSBA0
9.5
20
1
+100%/-0%
5.5
65
7
250
720
1.60
1096
0.0042
0.91
SCMR18H105PSBB0
9.5
20
1
+100%/-0%
6.0
65
12
250
720
1.74
1304
0.0050
1.09
SCMR22F155PSBA0
9.5
24
1.5
+100%/-0%
5.5
65
12
200
560
2.24
1179
0.0063
1.15
SCMR22H155PSBB0
9.5
24
1.5
+100%/-0%
6.0
65
18
200
560
2.45
1403
0.0075
1.36
Test
Test Method
Parameter
Limits
Life Cycle
Capacitors are cycled between rated voltage and half-rated voltage under constant
current at +25°C for 500,000 cycles
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
High Temperature
Load Life
Temperature: +65°C
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
Voltage: Rated Voltage
Test Duration: 2,000 hours
Storage Temperature
Characteristics
Storage Duration: 1 year
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
No Load
Temperature: +25°C
Vibration Resistance
Amplitude: 1.5mm
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
Frequency: 10 ~ 55Hz
Direction: X, Y, Z for 2 hours each
Humidity
Voltage: Rated Voltage
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
RH: 90%
Temperature: +60°C
Test Duration: 1,500 hours
QUALIFICATION TEST SUMMARY
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com