Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG904BRU-R-500RL7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG904BRU-R-500RL7
Description  Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRU-R-500RL7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG904BRU-R-500RL7 Datasheet HTML 8Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 9Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 10Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 11Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 12Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 13Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 14Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 15Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG904/ADG904-R
Rev. 0 | Page 12 of 16
EVALUATION BOARD
The ADG904/ADG904-R evaluation board allows designers to
evaluate the high performance, wideband switches with
minimal effort.
To prove that these devices meet the user’s requirements, only a
power supply and a network analyzer, along with the evaluation
board, are required. An application note available with the
evaluation board gives complete information on operating the
evaluation board.
The RFC port (see Figure 29) is connected through a 50 Ω
transmission line to the bottom left SMA connector, J4. RF1,
RF2, RF3, and RF4 are connected through 50 Ω transmission
lines to SMA connectors J5, J6, J7, and J8, respectively. A
through transmission line connects J9 and J10; this
transmission line is used to estimate the loss of the PCB over
the environmental conditions being evaluated.
The board is constructed of 4-layer, FR4 material with a
dielectric constant of 4.3 and an overall thickness of 0.062
inches. Two ground layers with grounded planes provide
ground for the RF transmission lines. The transmission lines
were designed using a coplanar waveguide with a ground plane
model using a trace width of 0.024 inches, clearance to ground
plane of 0.008 inches, dielectric thickness of 0.02 inches, and a
metal thickness of 0.0021 inches.
Figure 29. ADG904/ADG904-R Evaluation Board Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com