Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS5045 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ARS5045
Description  50A, 45V High Current Button Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ARS5045 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ARS5045 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ARS5045 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ARS5045 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ARS5045 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ARS5045 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ARS5045 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ARS5045
Taiwan Semiconductor
1
Version:C1707
50A, 45V High Current Button Rectifier
FEATURES
● Low forward voltage drop, high efficiency
● T
J=175°C capability in DC forward mode suitable for high
reliability and auto motive requirements
● Using Planar SKY barrier chip
● High surge capability
● Low cost construction utilizing void-free molded plastic
technique
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
APPLICATIONS
● High frequency rectification
● Freewheeling application
● Switching mode converters and inverters in
computer,automotive and telecommunication.
MECHANICAL DATA
● Case: ARS
● Molding compound meets UL 94V-0 flammability rating
● Part No. with suffix “H” means AEC-Q101 qualified
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Weight: 1.73 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
50
A
VRRM
45
V
IFSM
720
A
TJ MAX
175
°C
Package
ARS
Configuration
Single die
ARS
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
ARS5045
UNIT
Marking code on the device
ARS5045
Repetitive peak reverse voltage
VRRM
45
V
Reverse voltage, total rms value
VR(RMS)
32
V
Maximum DC blocking voltage
VDC
45
V
Forward current
IF(AV)
50
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
720
A
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - ARS5045

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ARS504 TAITRON-ARS504 Datasheet
134Kb / 4P
50A Automotive Rectifiers
More results

Similar Description - ARS5045

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40 WTE-GBPC40 Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
GBPC40P WTE-GBPC40P Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
ARS50A WTE-ARS50A_06 Datasheet
68Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
logo
Gulf Semiconductor
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
logo
Nanjing International G...
ARS50G DGNJDZ-ARS50G Datasheet
531Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
ARS50 DGNJDZ-ARS50 Datasheet
55Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
logo
DONGGUAN YOU FENG WEI E...
KBPC5006 YFWDIODE-KBPC5006 Datasheet
563Kb / 3P
50A HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com