Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1LD Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES1LD
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1LD Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES1LD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ES1LD - ES1LJ
Taiwan Semiconductor
2
Version:A1608
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Lead Thermal Resistance
RӨJL
35
°C/W
Junction to Ambient Thermal Resistance
RӨJA
80
°C/W
Junction to Case Thermal Resistance
RӨJC
25
°C/W
Thermal Performance Note: Units mounted on recommended PCB (16mm x 16mm Cu test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Maximum instantaneous
forward voltage
(Note 1)
ES1LD
IF = 1A
TJ = 25°C
VF
-
0.95
V
ES1LG
-
1.3
ES1LJ
-
1.7
Maximum reverse current
@ rated VR (Note 2)
TJ = 25°C
IR
-
5
µA
TJ = 125°C
-
100
µA
Junction capacitance
ES1LD
1 MHz,
VR=4.0V
CJ
16
-
pF
ES1LG
18
ES1LJ
18
Reverse recovery time
IF=0.5A
IR=1.0A
IRR=0.25A
trr
-
35
ns
Notes:
1.
Pulse test with PW=0.3 ms
2.
Pulse test with PW=30 ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com