Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3AB Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES3AB
Description  3A, 50V - 600V Surface Mount Super Fast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3AB Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES3AB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd ES3AB Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ES3AB - ES3JB
Taiwan Semiconductor
2
Version:B1706
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-lead thermal resistance
RӨJL
24
°C/W
Junction-to-ambient thermal resistance
RӨJA
84
°C/W
Junction-to-case thermal resistance
RӨJC
26
°C/W
Thermal Performance Note: Units mounted on recommended PCB (10mm x 10mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
ES3AB
ES3BB
ES3CB
ES3DB
IF = 1.5A,TJ = 25°C
VF
0.80
0.92
V
ES3FB
ES3GB
0.90
1.04
V
ES3HB
ES3JB
1.11
1.30
V
ES3AB
ES3BB
ES3CB
ES3DB
IF = 3.0A,TJ = 25°C
VF
0.86
1.00
V
ES3FB
ES3GB
0.98
1.13
V
ES3HB
ES3JB
1.24
1.45
V
ES3AB
ES3BB
ES3CB
ES3DB
IF = 1.5A,TJ = 125°C
VF
0.66
0.75
V
ES3FB
ES3GB
0.73
0.85
V
ES3HB
ES3JB
0.85
0.98
V
ES3AB
ES3BB
ES3CB
ES3DB
IF = 3.0A,TJ = 125°C
VF
0.73
0.84
V
ES3FB
ES3GB
0.83
0.95
V
ES3HB
ES3JB
0.99
1.13
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
10
µA
TJ = 125°C
-
100
µA
Junction capacitance
ES3AB
ES3BB
ES3CB
ES3DB
1 MHz, VR=4.0V
CJ
46
-
pF
ES3FB
ES3GB
41
-
pF
ES3HB
ES3JB
34
-
pF
Reverse recovery time
IF=0.5A ,IR=1.0A
IRR=0.25A
trr
-
35
ns
Notes:
1. Pulse test with PW=0.3 ms
2. Pulse test with PW=30 ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com