Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDLW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ESDLW
Description  0.8A, 200V - 600V Surface Mount Super Fast Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESDLW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ESDLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESDLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ESDLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ESDLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ESDLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ESDLW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ESDLW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ESDLW - ESJLW
Taiwan Semiconductor
2
Version:B1809
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP.
UNIT
Junction-to-lead thermal resistance per diode
RӨJL
34
°C/W
Junction-to-ambient thermal resistance per diode
RӨJA
88
°C/W
Junction-to-case thermal resistance per diode
RӨJC
35
°C/W
Thermal Performance Note: Units mounted on recommended PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Forward voltage per diode
(1)
ESDLW
IF = 0.4A, TJ = 25°C
VF
0.80
-
V
IF = 0.8A, TJ = 25°C
0.85
0.95
V
IF = 0.4A, TJ = 125°C
0.65
-
V
IF = 0.8A, TJ = 125°C
0.72
0.80
V
ESGLW
IF = 0.4A, TJ = 25°C
0.88
-
V
IF = 0.8A, TJ = 25°C
0.96
1.30
V
IF = 0.4A, TJ = 125°C
0.69
-
V
IF = 0.8A, TJ = 125°C
0.77
1.05
V
ESJLW
IF = 0.4A, TJ = 25°C
1.03
-
V
IF = 0.8A, TJ = 25°C
1.14
1.70
V
IF = 0.4A, TJ = 125°C
0.82
-
V
IF = 0.8A, TJ = 125°C
0.94
1.30
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
1
µA
TJ = 125°C
-
150
µA
Junction capacitance
ESDLW
1 MHz, VR=4.0V
CJ
21
-
pF
ESGLW
20
-
pF
ESJLW
19
-
pF
Reverse recovery time
IF=0.5A , IR=1.0A
IRR=0.25A
trr
-
35
ns
Notes:
1. Pulse test with PW=0.3 ms
2. Pulse test with PW=30 ms
ORDERING INFORMATION
ORDERING CODE
(Note 1, 2)
PACKAGE
PACKING
ESxLWHRVG
SOD-123W
3,000 / 7" Plastic Reel
ESxLWHRQG
SOD-123W
10,000 / 13" Paper Reel
ESxLW RVG
SOD-123W
3,000 / 7" Plastic Reel
ESxLW RQG
SOD-123W
10,000 / 13" Paper Reel
Notes:
1. "x" defines voltage from 200V (ESDLW) to 600V (ESJLW)
2. "H" means AEC-Q101 qualified



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com