Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3JB Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES3JB
Description  3A, 50V - 600V Surface Mount Super Fast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3JB Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES3JB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd ES3JB Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ES3AB - ES3JB
Taiwan Semiconductor
1
Version:B1706
3A, 50V - 600V Surface Mount Super Fast Rectifier
FEATURES
● Glass passivated junction chip
● Ideal for automated placement
● Low profile package
● Super fast recovery time for high efficiency
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● Converter
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix “H” means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1,per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.11 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
3
A
VRRM
50 - 600
V
IFSM
100
A
TJ MAX
150
°C
Package
DO-214AA (SMB)
Configuration
Single die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
ES
3AB
ES
3BB
ES
3CB
ES
3DB
ES
3FB
ES
3GB
ES
3HB
ES
3JB
UNIT
Marking code on the device
ES
3AB
ES
3BB
ES
3CB
ES
3DB
ES
3FB
ES
3GB
ES
3HB
ES
3JB
Repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Reverse voltage, total rms value
VR(RMS)
30
70
105
140
210
280
350
420
V
Forward current
IF(AV)
3
A
Surge peak forward current, 8.3
ms single half sine-wave
superimposed on rated load per
diode
IFSM
100
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - ES3JB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3JB GOOD-ARK-ES3JB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Shenzhen Taychipst Elec...
ES3JB TAYCHIPST-ES3JB Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
ES3JB YENYO-ES3JB Datasheet
673Kb / 2P
Surface Mount Efficient Fast Recovery Rectifier
More results

Similar Description - ES3JB

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SFM21L WILLAS-SFM21L Datasheet
885Kb / 2P
2.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
SGFM101C-D2 WILLAS-SGFM101C-D2 Datasheet
242Kb / 3P
10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
ES1A PACELEADER-ES1A_17 Datasheet
431Kb / 2P
1.0A Surface Mount Super Fast Recovery Rectifier 50V~600V
logo
Taiwan Semiconductor Co...
RS3A-K TSC-RS3A-K Datasheet
315Kb / 6P
3A, 50V - 1000V Surface Mount Fast Recovery Rectifier
SF31G-A TSC-SF31G-A Datasheet
415Kb / 6P
3A, 50V - 600V Glass Passivated Super Fast Rectifier
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
16A, 50V - 600V Super Fast Surface Mount Rectifier
SFS1001GH TSC-SFS1001GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
3A, 50V - 600V Ultra Fast Surface Mount Rectifier
ES2AAH TSC-ES2AAH Datasheet
568Kb / 6P
2A, 50V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com