Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS400DS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS400DS
Description  Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS400DS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS400DS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS400DS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SCS400DS
0.15A , 80V
Plastic-Encapsulated Switching Diode
08-Feb-2018 Rev. A
Page 1 of 2
2
2
2
2
1
1
1
1
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surface Mounting Type
High Speed
High Reliability with High Surge Current Handing Capability
APPLICATION
High Speed Switching for Detection
For Portable Equipment: (i.e. Mobile Phone, MP3, MD,
CD-ROM, DVD-ROM, Note Book PC, etc.)
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Reverse Voltage
VRM
90
V
DC Reverse Voltage
VR
80
V
Average Rectified Output Current
IO
150
mA
Peak Forward Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current @t=8.3ms
IFSM
2
A
Power dissipation
PD
100
mW
Thermal Resistance from Junction-Ambient
RθJA
1250
°C/W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
-
1.2
V
IF=100mA
Reverse Current
IR
-
-
0.1
A
VR=80V
Capacitance Between Terminals
CT
-
3
-
pF
VR=0.5V, f=1MHz
Reverse Recovery Time
trr
-
4
-
nS
VR=6V, IF=10mA, RL=100
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
Part Number
Type
SCS400DS
Lead (Pb)-free
SCS400DS-C
Lead (Pb)-free and Halogen-free
WBFBP-02C
1
1
1
1
2
2
2
2
A
C
B
F
M
M
G
J
H
K
E
D
L
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.05
G
0.25
0.35
B
0.55
0.65
H
0.25
0.35
C
0.44
0.55
J
0.275
0.47
D
0.470 REF.
K
0.555
0.725
E
0.420 REF.
L
0.010
0.100
F
0.27
0.37
M
0.030 REF.


Similar Part No. - SCS400DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D Datasheet
429Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS400DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Switching Diode
SCS21DSTL SECOS-SCS21DSTL_15 Datasheet
201Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K_15 Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
Plastic-Encapsulated Switching Diode
SCS914DSTL SECOS-SCS914DSTL_15 Datasheet
138Kb / 2P
Plastic-Encapsulated Switching Diode
SCS4448DSTL SECOS-SCS4448DSTL_15 Datasheet
319Kb / 2P
Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com