Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS672LSB
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS672LSB Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ATS672LSB
Preliminary – Subject to Change
PIN OUT DIAGRAM
Self-Calibrating TPO Gear-Tooth Sensor with
9-Bit Signal Capture
4 3 2 1
Pin 1: VCC
Pin 2: VOUT
Pin 3: Test Pin (Tie to GND)
Pin 4: Gnd
The ATS672LSB true zero-speed gear-tooth sensors are
optimized Hall IC/magnet configurations packaged in a single in-
line package (SIP) that provides a user-friendly solution for digital
gear-tooth-sensing applications. The SIP module consists of an
over-molded package, which holds together a samarium cobalt
magnet, a pole piece and a true zero-speed Hall IC that has been
optimized to the magnetic circuit. This small package can be
easily assembled and used in conjunction with gears of various
shapes and sizes.
The sensor incorporates a single-element Hall IC that switches
in response to magnetic signals created by a ferrous target. The
IC contains a sophisticated digital circuit designed to eliminate the
detrimental effects of magnet and system offsets. Signal
processing is used to provide zero-speed performance
independent of air gap and also to dynamically adapt device
performance to the typical operating conditions found in
automotive applications (reduced vibration sensitivity). High-
resolution (9-bit) peak-detecting DACs are used to set the adaptive
switching thresholds of the device. Hysteresis in the thresholds
reduces the negative effects of any anomalies in the magnetic
signal (such as magnetic overshoot).
The ATS672LSB also includes a low-bandwidth filter that
increases the noise immunity and the signal-to-noise ratio of the
sensor. These features result in potential improvements in both
the timing accuracy and the jitter performance of the device. The
ATS672LSB sensor system is optimized for cam applications.
Four versions of this device are available. The sensor can be
chosen to have a high or low output signal in response to a “tooth”.
The sensor is also available with and without TPOS (true power on
state) capability. The low-on-tooth sensor without TPOS is
available through general sales. (Part # ATS672LSB-LN). For
other versions please contact the factory. Some restrictions may
apply.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage,
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 28 V
Reverse Supply Voltage,
VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V
Reverse Current Through Output,
IR . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Continuous Output Current,
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Storage Temperature,
TS . . . . . . . . . . . . . . . . . . . . . . . . . . . 170° C
Package Power Rating,
RθJA. . . . . . . . . . . . . . . . . . . ~150°C/W
Maximum Junction Temperature,
TJmax . . . . . . . . . . . . . . . . . . . . . . . . . 170° C
Maximum Junction Temperature – 100 Hours,
TJmax . . . . . . . . . . . . . . . . . . . . . . . . . 180° C
FEATURES
Tight timing accuracy over temperature
True zero-speed operation
True power-on sensing
Air gap independent switch points
High vibration immunity
Large operating air gaps
Operation down to 3.3 V
Digital output representing target profile
Single-chip solution for high reliability
Small mechanical size
Optimized Hall IC magnetic system
AGC and reference-adjust circuit
Undervoltage lockout


Similar Part No. - ATS672LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS672LSB ALLEGRO-ATS672LSB Datasheet
798Kb / 15P
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
ATS672LSB-LN ALLEGRO-ATS672LSB-LN Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS672LSB-LT ALLEGRO-ATS672LSB-LT Datasheet
798Kb / 15P
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
ATS672LSB ALLEGRO-ATS672LSB_03 Datasheet
798Kb / 15P
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
More results

Similar Description - ATS672LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS672LSB ALLEGRO-ATS672LSB_03 Datasheet
798Kb / 15P
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com