Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS4448DSTL-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS4448DSTL-C
Description  Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS4448DSTL-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS4448DSTL-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS4448DSTL-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS4448DSTL-C
0.5A , 80V
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
03-Nov-2017 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Forward Voltage
VF1
0.62
0.72
V
IF=5mA
VF2
-
0.855
V
IF=10mA
VF3
-
1
V
IF=100mA
VF4
-
1.25
V
IF=150mA
Maximum DC Reverse Current
@ Rated DC Blocking Voltage
IR1
-
0.1
µA
VR=70V
IR2
-
25
nA
VR=20V
Reverse Breakdown Voltage
VR
80
-
V
IR=2.5µA
Capacitance Between Terminals
CT
-
3.5
pF
VR=6V, f=1MHz
Maximum Reverse Recovery Time
TRR
-
4
nS
VR=6V, IF=5mA
CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com