Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-LN Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS672LSB-LN
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LN Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS672LSB-LN Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 2 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
OPERATING CHARACTERISTICS Valid at TA = -40°C to +150°C and power supply within specification unless
otherwise noted
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; TJ < TJmax
3.3
26.5
V
Reverse Supply Voltage
VRCC
IRCC = -5 mA (max)
-18
V
Supply Zener Clamp Voltage
VZ
28
33
37
V
Supply Zener Current
IZ
Tj < Tjmax; pulsed
100
mA
Output = off
3.0
6.5
11
mA
Supply Current
ICC
Output = on
3.0
6.5
11
mA
POWER-ON STATE CHARACTERISTICS
Power Up Time
tPO
Gear Speed < 100 rpm; Vcc> 3.3 V
-
500
µs
Under Voltage Lockout
VUV
-
<VccMin
V
OUTPUT STAGE
Low Output Voltage
VOUT
IOUT = 15 mA, Output = on
-
0.2
0.45
V
Output Current Limit
Ilin
Output = ON, Tj < Tjmax
25
45
70
mA
Output Leakage Current
IOFF
Output = off, VOUT = Vcc(Max)
-
10
µA
Output Rise Time
tr
RL = 500 Ω, CL = 10 pF, TA = 25°C
-
0.9
5.0
µs
Output Fall Time
tf
RL = 500 Ω, CL = 10 pF, TA = 25°C
-
0.5
5.0
µs
Time
[Seconds]
Output High
Output Low
100%
Rise and Fall Time
10%
90%
t
r
90%
10%
t
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com