Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # LL4148-C
Description  Hermetically Sealed Glass Fast Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

LL4148-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  LL4148-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH LL4148-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4148
500mW, 75V
Hermetically Sealed Glass Fast Switching Diodes
Elektronische Bauelemente
12-Jun-2018 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Device
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces are Corrosion Resistant and
Terminals are Readily Solderable
Matte Tin (Sn) Terminal Finish
Color Band Indicates Negative Polarity
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-80
2.5K
7 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Power Dissipation
PD
500
mW
Working Inverse Voltage
WIV
75
V
Average Rectified Current
IO
150
mA
Non-repetitive Peak Forward Current
IFM
450
mA
Peak Forward Surge Current (Pulse Width=1 µsecond)
IFSURGE
2
A
Junction, Storage Temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Breakdown Voltage
BV
100
-
-
V
IR=100µA
75
-
-
IR=5µA
Reverse Leakage Current
IR
-
-
25
nA
VR=20V
-
-
5
µA
VR=75V
Forward Voltage
VF
-
-
1
V
IF=10mA
Reverse Recovery Time
TRR
-
4
-
nS
IF=10mA, VR=6V, RL=100 , IRR=1mA
Capacitance
C
-
4
-
pF
VR=0, f=1MHz
Part Number
Type
LL4148
Lead (Pb)-free
LL4148-C
Lead (Pb)-free and Halogen-free
SOD-80 (Mini-MELF)
B
A
C
C
REF.
Millimeter
Min.
Max.
A
3.30
3.70
B
1.39
1.60
C
0.28
0.50


Similar Part No. - LL4148-C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL4148-13 DIODES-LL4148-13 Datasheet
97Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
Rev erse
LL4148-13 DIODES-LL4148-13 Datasheet
97Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
Rev erse
LL4148-7 DIODES-LL4148-7 Datasheet
97Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
Rev erse
logo
Comchip Technology
LL4148-G COMCHIP-LL4148-G Datasheet
183Kb / 3P
Small-Signal Switching Diode
logo
Vishay Siliconix
LL4148-GS08 VISHAY-LL4148-GS08 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
More results

Similar Description - LL4148-C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4148 SECOS-LS4148_11 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LL4151 SECOS-LL4151_15 Datasheet
53Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com