Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-HN Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS672LSB-HN
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HN Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS672LSB-HN Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 7 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
Reference Target Dimensions
Target
Diameter
(Do)
Thickness
(F)
Tooth Width
(T)
Valley Width
(PC – T)
Valley Depth
(ht)
Reference Target
120 mm
6.0 mm
23.6 mm
23.6 mm
5.0 mm
GEAR PARAMETERS FOR CORRECT TPOS OPERATION
Limits
Characteristic
Description
Min.
Typ.
Max.
Units
Valley Depth (ht)
Depth of target valley
5.0
-
-
mm
Valley Width (PC – T)
Length and width of target valley
13
-
-
mm
Tooth Width (T)
Width of target tooth
5.0
-
-
mm
Thickness (F)
Thickness or length of target tooth
5.0
-
-
mm
1MATERIAL PROPERTIES: CRS 1018
1 The target must generate a minimum of 120 gauss difference between the tooth field and the valley field at the Maximum Installation
Air Gap. With the materiel and dimensions mentioned above the target will generate the required 120 gauss.
Reference Target
Reference Target Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com