Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0331B Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0331B
Description  SAW Resonator 868.35MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0331B Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0331B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 868.35MHz
MODEL NO.: TC0331B
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature
TA=25℃
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
868.275
868.350
868.425
Insertion Loss
IL
dB
-
1.5
2.5
Unload quality factor QU
-
9500
-
Ageing of fc
ppm/yr
-
-
±10
Motional capacitance C1
fF
-
1.02
-
Motional inductance L1
µH
-
37.2
-
Motional resistance R1
Ohm
-
21.3
-
Parallel capacitance Co
pF
-
2.26
-
Frequency Temperature coefficient (TCf)
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3x3x1.1 mm
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)
2)
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
# B
#E
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com