Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5206-3GDPR3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5206-3GDPR3
Description  6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5206-3GDPR3 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5206-3GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS5206−1, CS5206−3, CS5206−5
http://onsemi.com
2
+
−
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
Gnd
VIN
Figure 2. Block Diagram − CS5206−2, −3
MAXIMUM RATINGS*
Parameter
Value
Unit
Supply Voltage, VCC
17
V
Operating Temperature Range
−40 to +70
°C
Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 Peak
230 Peak
°C
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (CIN = 10 µF, COUT = 22 µF, Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 15 V, 0°C ≤ TA ≤ 70°C,
TJ = +150°C, unless otherwise specified, Ifull load = 6.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage (CS5206−1)
Reference Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V; VAdj = 0 V,
10 mA
≤ IOUT ≤ 6.0 A
1.241
(−1%)
1.254
1.266
(+1%)
V
Line Regulation
1.5 V
≤ VIN − VOUT ≤ 6.0 V; IOUT = 10 mA
0.04
0.20
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 6.0 A
0.1
0.4
%
Dropout Voltage (Note 5)
IOUT = 6.0 A
1.3
1.4
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
VIN − VOUT = 9.0 V
6.5
8.5
1.0
6.0
A
A
Minimum Load Current
VIN − VOUT = 7.0 V
1.2
100
mA
Adjust Pin Current
50
5.0
µA
Adjust Pin Current Change
1.5 V
≤ VIN − VOUT ≤ 4.0 V;
10 mA
≤ IOUT ≤ 6.0 A
0.2
µA
Thermal Regulation
30 ms pulse; TA = 25°C
0.003
%/W
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to thermal gradients or temperature changes must be taken into account separately.
4. Specifictions apply for an external Kelvin sense connection atr a point on the output pin 1/4” from the bottom of the package.
5. Dropout voltage is a measurement of the minimum input/output differentail at full load.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com