Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-REF-AM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-AM
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-AM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP8-REF-AM Datasheet HTML 9Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 10Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 11Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 12Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 13Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 14Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 15Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 16Page - National Semiconductor (TI) COP8-REF-AM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
Stand-alone Amplifier Electrical Characteristics (4.5V
≤ AV
CC ≤ 5.5V, −40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
-7
+7
mV
Input Common Mode Capacitance
10
pF
Common Mode Rejection Ratio
(CMRR)
0V
≤ V
CM
≤ V
CC
50
dB
Power Supply Rejection Ratio
(PSRR)
V
CM =VCC/2
70
dB
Common Mode Voltage Range
(CMVR)
CMRR
≥ 45dB
-0.2
V
CC + 0.2
V
Large Signal Voltage Gain
R
L =2ktoVCC/2,
V
CM =VCC/2
0.5
≤ V
O
≤ V
CC - 0.5V
70
85
dB
Output Swing High
R
L =2ktoVCC/2,
Vid = 100 mV
V
CC -70
mV
Output Swing Low
R
L =2ktoVCC/2,
Vid = 100 mV
80
mV
Output Short Circuit Current (Note
10)
V
O = GND,
Vid = 100 mV
20
mA
Output Short Circuit Current (Note
10)
V
O =VCC,
Vid = 100 mV
15
mA
Supply Current on AV
CC when
enabled
AV
CC = 5.5 V,
No Load
315
500
µA
Enable Time
15
µS
Disable Time
1µS
Slew Rate (Note 11)
Gain = 1, R
L = 10k,
C
L < 350 pF
Vin = 2V square wave
1.0
1.5
V/µS
Unity Gain Frequency
R
L =2ktoVCC/2
2.0
Mhz
Input Referred Voltage Noise
55
Total Harmonic Distortion (THD)
f = 1kHz, AV = 1, Vo = 2.2 Vpp,
R
L = 600
Ω to V
CC/2
0.2
%
Note 10: Short circuit test is a momentary test. Extended period output short circuit may damage the device.
Note 11: Slew rate is the slower of the rising and falling slew rates.
Programmable Gain Amplifier Electrical Characteristics (4.5V
≤ AV
CC ≤
5.5V, −40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage Untrimmed
-7
+7
mV
Input Offset Voltage Trimmed
−0.5
−0.5
mV
Common Mode Rejection Ratio
Untrimmed (CMRR)
0V
≤ V
CM
≤ V
CC
50
dB
Common Mode Rejection Ratio
Trimmed (CMRR)
0V
≤ V
CM
≤ V
CC
70
dB
Power Supply Rejection Ratio
(PSRR)
V
CM =VCC/2
70
dB
Output Swing High
V
IN =VCC,
Gain = 1
V
CC -8
mV
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com