Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08056D107MAT2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08056D107MAT2A
Description  General Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08056D107MAT2A Datasheet(HTML) 4 Page - AVX Corporation

  08056D107MAT2A Datasheet HTML 1Page - AVX Corporation 08056D107MAT2A Datasheet HTML 2Page - AVX Corporation 08056D107MAT2A Datasheet HTML 3Page - AVX Corporation 08056D107MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
29
Letter
A
B
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.22
(0.009)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
How to Order
Part Number Explanation
PAPER and EMBOSSED available for 01005
NOTE: Contact factory for non-specified capacitance values
*EIA 01005
PREFERRED SIZES ARE SHADED
072318
Case Size
1206
1210
1812
Soldering
Reflow/Wave
Reflow Only
Reflow Only
Packaging
Paper/Embossed
Paper/Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
(0.126 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
4.50 ± 0.30
(0.177 ± 0.012)
(in.)
(W) Width
mm
1.60 ± 0.20
(0.063 ± 0.008)
2.50 ± 0.20
(0.098 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
(in.)
(t) Terminal
mm
0.50 ± 0.25
(0.020 ± 0.010)
0.50 ± 0.25
(0.020 ± 0.010)
0.61 ± 0.36
(0.024 ± 0.014)
(in.)
Voltage:
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Cap(pF)
100
101
150
151
220
221
330
331
470
471
680
681
1000
102
1500
152
2200
222
3300
332
4700
472
6800
682
Cap(µF)
0.01
103
0.015 150
0.022 223
0.033 333
0.047 473
0.068 689
0.1
104
0.15
154
0.22
224
0.33
334
0.47
474
Q
Q
X
X
0.68
684
1.0
105
Q
Q
Q
X
X
X
1.5
155
2.2
225
Q
Q
Q
Q
Q
X
Z
Z
3.3
335
Q
Q
4.7
475
X
X
X
X
X
X
X
Z
Z
Z
Z
Z
10
106
X
X
X
X
X
X
X
X
X
Z
Z
Z
Z
Z
22
226
X
X
X
X
X
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
47
476
X
X
X
X
Z
Z
Z
Z
Z
100
107
X
X
X
Z
Z
Z
Z
Voltage:
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Case Size
1206
1210
1812



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com