Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV211-3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CV211-3
Description  UMTS-band Dual-Branch Downconverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CV211-3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CV211-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 7 February 2005
CV211-3
UMTS-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
CV211-3F Mechanical Information
This package is lead-free/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded (maximum
245
°C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be lasermarked with a
“CV211F-3”
product
label
with
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes
500V to <1000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
FUNCTION
Pin
FUNCTION
1
Channel 1 Mixer
RF Input
15
No Connect
2
GND
16
GND
3
LO Amp Bias
17
LO input
4
GND
18
GND
5
No Connect
19
No Connect
6
GND
20
GND
7
Channel 2 Mixer
/ RF Input
21
+5 V
8
GND
22
GND
9
Channel 2 Mixer
/ IF Output
23
Channel 1
IF Amp Output /
Bias
10
GND
24
GND
11
Channel 2
IF Amp Input
25
Channel 1
IF Amp Input
12
GND
26
GND
13
Channel 2
IF Amp
Output / Bias
27
Channel 1
Mixer
IF Output
14
GND
28
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com