Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-NSDEV Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-NSDEV
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-NSDEV Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button COP8-NSDEV Datasheet HTML 48Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 49Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 50Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 51Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 52Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 53Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 54Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 55Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
15.0 A/D Converter (Continued)
TABLE 26. ADRSTH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
TABLE 27. ADRSTL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 1
Bit 0
00000
0
15.2 PROGRAMMABLE GAIN AMPLIFIER
A programmable gain amplifier is located between the ana-
log multiplexor and the input to the A/D. It supports single
ended mode only. The gain of this amplifier is selected by the
ADGAIN register shown in Table 28. This register is also
used to enable the stand-alone amplifier (AMP1) on port pins
B3, B4 and B5, the internal temperature sensor, and the
offset trimming configuration. Both the stand-alone amplifier
and the programmable gain amplifier will draw DC current
when enabled. To minimize the amount of current drawn in
the HALT mode, the user should disable both amplifiers
before entering HALT. This register is initialized to 00h on
Reset.
TABLE 28. ADGAIN
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EN-
AMP1
ENTS
TRIM
Reserved
GAIN2 GAIN1 GAIN0
ENAMP1 Enables stand-alone amplifier (AMP1) to port B.
Enabled = 1. Disabled =0.
ENTS
Enable internal temperature sensor. Enabled =
1. Disabled = 0.
TRIM
Configures the programmable gain amplifier into
the trimming configuration by shorting its + and −
inputs together. Enabled = 1. Disabled = 0. This
bit should be set to 0 for normal use of the
programmable gain amplifier.
GAIN2:0
Controls the gain of the programmable gain am-
plifier. See Table 29. When performing a conver-
sion on the temperature sensor, a gain of 1 or 2
must be selected, depending on the operating
voltage of the device. A gain of 2 can only be
used for the temperature sensor if V
CC
≥ 4.5V.
Reserved These bits are reserved and must be 0.
TABLE 29. Gain Bit Assignments
TRIM
GAIN2
GAIN1
GAIN0
Gain Tolerance
0000
Not Applicable
Amplifier disabled and bypassed.
0001
± 1
Gain = 1
0010
± 1
Gain = 2
0011
± 1
Gain = 5
0100
± 2
Gain = 10
0101
± 2
Gain = 20
0110
± 2
Gain = 49
0111
± 2
Gain = 98
1
X
X
X
N/A
Gain = open loop for trimming. Amplifier is
enabled.
15.2.1 Programmable Gain Amplifier Settling Time
When changing channels or the gain, it’s necessary to give
the programmable gain amplifier time to settle before per-
forming an A/D conversion. This is because the input from
the previous channel could have the amplifier output near
one power supply rail and the newly selected channel or gain
may need to drive the output to the other power supply rail.
The amount of settling time is based on the gain of the
amplifier. See Table 30. It is recommended that the user wait
7.6 time constants (
τ) before performing an A/D conversion.
This should give the amplifier time to settle within 0.5 LSB of
the A/D converter. This settling time needs to be taken into
effect if either the gain is changed or if the channel is
changed. Since these values are in different registers, they
can’t be changed simultaneously and must be changed in-
dividually. The settling time starts whenever either one is
changed, but it’s not cumulative. The user should wait the
amount of settling time specified after the latter of the chan-
nel or gain change.
TABLE 30. Programmable Gain Amplifier Settling Times
GAIN
Time Constant (
τ)
Settling Time (7.6 *
τ)
1
Slew Rate Limited
Slew Rate Limited
2
Under-Damp Response
9µs
5
Under-Damp Response
6µs
10
0.7µs
5 µs
20
2µs
16µs
49
3.2 µs
25 µs
98
5.8 µs
45 µs
Open Loop
N/A
1050 µs
www.national.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com