Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES51986 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES51986
Description  6000 COUNT AUTO DMM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51986 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES51986 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51986 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
03/10/09
7
ES51986
6000 Count AUTO DMM
Figure 1. Ture RMS measurement using ES636
1.2 Resistance Measurement
A reconfigurable divider automatically provides a suitable full scale range in resistance
measurement mode. The following table summarizes the full scale ranges and the
reference resistors in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
OR1
600.0Ω
R6
100Ω
OR2
6.000KΩ
R5
1KΩ
OR3
60.00KΩ
R4
10KΩ
OR4
600.0KΩ
R1‖ R3
100KΩ
OR5
6.000MΩ
R1‖ R2
1MΩ
OR6
60.00MΩ
R1
10MΩ
1.3 Current measurement
Current measurement has three modes. The following table summarizes the full scale
range of each mode.
Mode
Range Selection
Full Scale
Automatic Mode 1
µA
600.0µA / 6000µA
Automatic Mode 2
mA
60.00mA / 600.0mA
Automatic Mode 3
A
60.00A / 6.000A
Manual Mode
A
60.00A
1
2
3
4
5
6
7
14
13
12
11
10
8
9
+Vs
-Vs
150
470K
500K
+Vs
Cav
-Vs
ADI
ADO
ACVH
ACVL
100
1K
10K
101K
1.11M
OVSG
OR1
VR5
VR4
VR3
VR2
200
ACV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com