Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2220PVC-1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2220PVC-1
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2220PVC-1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2220PVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2220PVC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY2220
Document #: 38-07206 Rev. *A
Page 3 of 11
Function Table[3]
SEL133
SELA
SELB
CPUCLK
(MHz)
MemRef
(MHz)
3V66CLK
(MHz)
PCICLK
(MHz)
USBCLK
(MHz)
REFCLK
(MHz)
0
0
0
100
50
66
33
48
14.318
0
0
1
N/A
N/A
N/A
N/A
N/A
N/A
0
1
0
N/A
N/A
N/A
N/A
N/A
N/A
0
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1
0
0
133
66
66
33
48
14.318
1
0
1
N/A
N/A
N/A
N/A
N/A
N/A
1
1
0
N/A
N/A
N/A
N/A
N/A
N/A
1
1
1
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
Actual Clock Frequency Values
Clock
Output
Target
Frequency
(MHz)
CY2220-1
CY2220-2
Actual Frequency
(MHz)
PPM
Actual Frequency
(MHz)
PPM
CPUCLK
100
99.126
–8741
100.227
+2270
CPUCLK
133
132.769
–1740
133.269
+2022
USBCLK
48
48.008
167
48.008
167
Swing Select Functions
MultSel0
MultSel1
Board Target
Reference R, IREF =
Output
Current
VOH @ Z,
Iref = 2.32 mA
00
60
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 5*Iref
0.71 @ 60
00
50
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 5*Iref
0.59 @ 50
01
60
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 6*Iref
0.85 @ 60
01
50
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 6*Iref
0.71 @ 50
10
60
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 4*Iref
0.56 @ 60
10
50
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 4*Iref
0.47 @ 50
11
60
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 7*Iref
0.99 @ 60
11
50
Ω
Rr = 475 ± 1%,
Iref = 2.32 mA
IOH = 7*Iref
0.82 @ 50
Clock Driver Impedances
Impedance
Buffer Name
VDD Range
Buffer Type
Minimum
Ω
Typical
Ω
Maximum
Ω
CPUCLK, CPUCLKB
Type X1
USB, REF
3.135–3.465
Type 3
20
40
60
PCI, 3V66
3.135–3.465
Type 5
12
30
55
MemRef, MemRefB
3.135–3.465
Type 5
12
30
55
Note:
3.
TCLK is a test clock driven in on the XTALIN input in test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com