Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDAS.C.001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # IDAS.C.001
Description  iDAS MIMO LTE Ceiling Mount Omni Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

IDAS.C.001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  IDAS.C.001 Datasheet HTML 1Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 2Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 3Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 4Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 5Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 6Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 7Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 8Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SPE-18-8-119/A/AW
Page 2 of 24
1.Introduction
The Taoglas iDAS LTE MIMO antenna is a compact circular ceiling mount antenna with
high performance and low Passive Inter-Modulation (PIM) designed for use in indoor
distributed antenna systems (iDAS) to address in-building coverage problems and
increasing demand for constant connectivity.
The iDAS delivers powerful worldwide 4G LTE MIMO coverage while also covering the
3G and 2G bands and features a compact, easy-to-install design.
iDAS networks are an excellent solution to bring LTE coverage to areas traditional base
stations cannot reach:
•
Stadiums, Arenas, Convention Centers
•
Hotels, Shopping Malls, Hospitals
•
Factories, Warehouses
•
Airports, Train Stations, Bus Stations
•
Schools, College Campuses
•
Office Buildings, High Density Residential Complexes
LTE 4G applications demand high speed data uplink and downlink. High efficiency and
high gain MIMO antennas are necessary to achieve the signal to noise ratio and
throughput required to solve these challenges. The iDAS antenna is also designed for
high isolation and low PIM between the two MIMO antennas to prevent self-
interference. Low loss plenum rated cables are used to keep efficiency high while
complying with stringent fire rating standards.
The product ships with an RG-402 equivalent plenum rated cable with a temperature
spec of up to 150C. The PTFE/FEP jacket is flexible yet chemical and fire resistant.
Taoglas offers customizable cable lengths, cable types and connector types, contact
your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com