Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

231660 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 231660
Description  Clip, 10.3 x 38 mm, UR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

231660 Datasheet(HTML) 1 Page - Schurter Inc.

  231660_18 Datasheet HTML 1Page - Schurter Inc. 231660_18 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuseholder Blocks & Clips
231660
https://www.schurter.com /PG02
Fuses
Clip, 10.3 x 38 mm, UR
See below:
Approvals and Compliances
20A (UL)
Description
- Through hole mounting
Applications
- Combiner Boxes in Photovoltaic Systems
References
Fuseholder to ASO 10.3x38
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product, Microsite
Technical Data
Fuse-Link
10.3 x 38 mm
Mounting
PCB
Terminal
Solder THT
Rated current
20 A (UL)
Degree of Protection
IP 00
Material: Terminals
see variants
Unit Weight
4.1 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Approvals
Soldering Methods
Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Contact Resistance
< m
Ω at 20 mV
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: 231660
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E41738
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 4248-1
Fuseholder general requirements
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.


Similar Part No. - 231660_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231660 SCHURTER-231660 Datasheet
211Kb / 1P
Clip, 10.3 x 38 mm, UR
More results

Similar Description - 231660_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23530P SCHURTER-23530P Datasheet
258Kb / 1P
Shock-Safe Fuseholder, 10.3 x 38 mm, Fingergrip
231660 SCHURTER-231660 Datasheet
211Kb / 1P
Clip, 10.3 x 38 mm, UR
07510052 SCHURTER-07510052 Datasheet
290Kb / 2P
Clip, 5 x 20 mm, UR, Cover
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO_18 Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com