Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400C Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5117400C
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400C Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5117400C Datasheet HTML 1Page - OKI electronic componets MSM5117400C Datasheet HTML 2Page - OKI electronic componets MSM5117400C Datasheet HTML 3Page - OKI electronic componets MSM5117400C Datasheet HTML 4Page - OKI electronic componets MSM5117400C Datasheet HTML 5Page - OKI electronic componets MSM5117400C Datasheet HTML 6Page - OKI electronic componets MSM5117400C Datasheet HTML 7Page - OKI electronic componets MSM5117400C Datasheet HTML 8Page - OKI electronic componets MSM5117400C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
¡ Semiconductor
MSM5117400C
PIN CONFIGURATION (TOP VIEW)
26/24-Pin Plastic SOJ
26/24-Pin Plastic TSOP
(K Type)
26/24-Pin Plastic TSOP
(L Type)
Pin Name
Function
A0 - A10
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (5 V)
VSS
Ground (0 V)
3
4
5
9
10
11
12
13
DQ2
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
DQ3
A7
A6
A5
A4
VSS
2
DQ1
25 DQ4
1
VCC
26 VSS
3
4
5
9
10
11
12
13
24
23
22
18
17
16
15
14
2
25
1
26
24
23
22
18
17
16
15
14
3
4
5
9
10
11
12
13
25
2
26
1
,



6
NC
21 A9
21
21
6
8
A10
19 A8
19
19
8
6
8
DQ2
A0
A1
A2
A3
VCC
DQ1
VCC
NC
A10
DQ3
A7
A6
A5
A4
VSS
DQ4
VSS
A9
A8
DQ3
A7
A6
A5
A4
VSS
DQ4
VSS
A9
A8
DQ2
A0
A1
A2
A3
VCC
DQ1
VCC
NC
A10
WE
CAS
WE
CAS
CAS
WE
RAS
OE
RAS
OE
OE
RAS
NC
No Connection
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com