Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEH Datasheet(PDF) 1 Page - Schurter Inc.

Part # DEH
Description  High frequency ground wire choke, shrink hose
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DEH Datasheet(HTML) 1 Page - Schurter Inc.

  DEH_18 Datasheet HTML 1Page - Schurter Inc. DEH_18 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Suppression Chokes
DEH
https://www.schurter.com /PG81_82
EMC Products
High frequency ground wire choke, shrink hose
Groundwire Choke
with Wire leads
See below:
Approvals and Compliances
Description
- Ground wire chokes (ground line chokes)
- Wire leads
Applications
- Separating the main earth line to periphery devices
- This type of chokes permits the building of a system free of ground
wire loops
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated Current
16 - 25 A @ Ta 40 °C
Rated inductance
0.02 - 0.04 mH, Tol. ±15%
Power Operating Frequency
> 5 MHz
Terminal Type
Wire leads
Weight
17 - 51 g
Material: Housing
UL 94V-0
Sealing Compound
UL 94V-0
Isolation Voltage
2 kV eff., winding to ambient
Climatic Category
25/100/21 acc. to IEC 60068-1
Allowable Operation Temp.
-25 °C to 100 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 134485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - DEH_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DEH-15-0001 SCHURTER-DEH-15-0001 Datasheet
368Kb / 2P
High frequency ground wire choke, shrink hose
DEH SCHURTER-DEH_17 Datasheet
205Kb / 2P
High frequency ground wire choke, shrink hose
More results

Similar Description - DEH_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DEH SCHURTER-DEH Datasheet
368Kb / 2P
High frequency ground wire choke, shrink hose
DEN SCHURTER-DEN Datasheet
315Kb / 1P
Low frequency ground wire choke, fully potted resign
DENO SCHURTER-DENO Datasheet
320Kb / 1P
Ground wire choke, open design
DEN SCHURTER-DEN_17 Datasheet
199Kb / 2P
Low frequency ground wire choke, fully potted resign
DENO SCHURTER-DENO_17 Datasheet
399Kb / 2P
Ground wire choke, open design
DEH SCHURTER-DEH_17 Datasheet
205Kb / 2P
High frequency ground wire choke, shrink hose
DEN SCHURTER-DEN_18 Datasheet
209Kb / 2P
Low frequency ground wire choke, fully potted resign
DENO SCHURTER-DENO_V01 Datasheet
411Kb / 2P
Ground wire choke, open design
04.01.2022
DEN SCHURTER-DEN_V01 Datasheet
210Kb / 2P
Low frequency ground wire choke, fully potted resign
04.01.2022
DEH SCHURTER-DEH_V01 Datasheet
216Kb / 2P
High frequency ground wire choke, shrink hose
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com