Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFE310 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFE310
Description  HEXFET TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE310 Datasheet(HTML) 1 Page - International Rectifier

  IRFE310 Datasheet HTML 1Page - International Rectifier IRFE310 Datasheet HTML 2Page - International Rectifier IRFE310 Datasheet HTML 3Page - International Rectifier IRFE310 Datasheet HTML 4Page - International Rectifier IRFE310 Datasheet HTML 5Page - International Rectifier IRFE310 Datasheet HTML 6Page - International Rectifier IRFE310 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
10/9/98
www.irf.com
1
Absolute Maximum Ratings
Parameter
IRFE310, JANTX-, JANTXV-, 2N6786U
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
1.25
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
0.80
IDM
Pulsed Drain Current

5.5
PD @ TC = 25°C
Max. Power Dissipation
15
W
Linear Derating Factor
0.12
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
34
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.8
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Surface Temperature
300 ( for 5 seconds)
Weight
0.42 (typical)
g
N-CHANNEL
PD - 91782
400Volt, 3.6
Ω
Ω
Ω
Ω
Ω, HEXFET
The leadless chip carrier (LCC) package represents
the logical next step in the continual evolution of
surface mount technology.
The LCC provides
designers the extra flexibility they need to increase
circuit board density. International Rectifier has
engineered the LCC package to meet the specific
needs of the power market by increasing the size of
the bottom source pad, thereby enhancing the thermal
and electrical performance. The lid of the package
is grounded to the source to reduce RF interference.
HEXFET transistors also feature all of the well-es-
tablished advantages of MOSFETs, such as volt-
age control, very fast switching, ease of paralleling
and electrical parameter temperature stability. They
are well-suited for applications such as switching
power supplies, motor controls, inverters, choppers,
audio amplifiers and high-energy pulse circuits,
and virtually any application where high reliability
is required.
oC
A
IRFE310
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6786U
HEXFET® TRANSISTOR
JANTXV2N6786U
[REF:MIL-PRF-19500/556]
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE310
400V
3.6
Ω
1.25A
Features:
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
n Small footprint
n Surface Mount
n Lightweight


Similar Part No. - IRFE310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE310 IRF-IRFE310 Datasheet
173Kb / 7P
Simple Drive Requirements
IRFE310 IRF-IRFE310_15 Datasheet
173Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFE310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE430 IRF-IRFE430 Datasheet
129Kb / 8P
HEXFET TRANSISTOR
IRFM140 IRF-IRFM140 Datasheet
211Kb / 8P
HEXFET TRANSISTOR
IRHN7450 IRF-IRHN7450 Datasheet
310Kb / 12P
HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
HEXFET TRANSISTOR, N-CHANNEL
IRLF230 IRF-IRLF230 Datasheet
76Kb / 7P
HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com