Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDI Datasheet(PDF) 2 Page - Schurter Inc.

Part # FDI
Description  Inline Fuseholder, 5x20 / 6.3x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FDI Datasheet(HTML) 2 Page - Schurter Inc.

  FDI_18 Datasheet HTML 1Page - Schurter Inc. FDI_18 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuse holder
FDI
https://www.schurter.com /PG02
Fuses
Dimension [mm]
48 mm
48 max.
5x20 mm
60 max.
6.3x32 mm
Mounting instruction
1) Wire
2) Contact
3) Spring
Crimping: Standard Crimping Tool (0.5 - 2.5 mm2)
Crimping Profile: Mandrel Pressing
All Variants
Holder
Fuse-Link
Wire
Colour Wire
Length [mm]
Order Number
l
5 x 20mm
-
-
-
8601.2000
█
l
5 x 20mm
18 AWG
dark pink
200
8601.2001.08
█
l
6.3 x 32mm
-
-
-
8601.2005
█
l
6.3 x 32mm
14 AWG
pink
200
8601.2005.08
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Wire Length: 8"
Packaging Unit
Bulk (50 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com