Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TS321
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS321 Datasheet(HTML) 4 Page - Unisonic Technologies

  TS321 Datasheet HTML 1Page - Unisonic Technologies TS321 Datasheet HTML 2Page - Unisonic Technologies TS321 Datasheet HTML 3Page - Unisonic Technologies TS321 Datasheet HTML 4Page - Unisonic Technologies TS321 Datasheet HTML 5Page - Unisonic Technologies TS321 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS321
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 6
www.unisonic.com.tw
QW-R104-014.a
ABSOLU T E M AX I M U M RAT I N G (Note 1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Single
32
V
Supply Voltage (Note 2)
Dual
VCC
±16
V
Differential Input Voltage (Note 3)
VID
32
V
Input Voltage Range (Note 2, 4)
VI
-0.3 ~ 32
V
Input Current (Note 4)
II
50
mA
Duration Of Output Short Circuit To Ground
TSHORT
Unlimited
Power Dissipation
PD
0.595
W
Operating Virtual Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. These voltage values are with respect to the midpoint between VCC+ and VCC-.
3. Differential voltages are at IN+ with respect to IN-.
4. Neither input must ever be more positive than VCC+ or more negative than VCC-.
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RATINGS
UNIT
Single Supply
3 ~ 30
V
Supply Voltage
Dual Supply
VCC
±1.5 ~ ±15
V
Operating Free-Air Temperature
TA
-40 ~ +125
°C
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
210
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com