Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4051G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4051G-P16-R
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4051G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  4051G-P16-R Datasheet HTML 1Page - Unisonic Technologies 4051G-P16-R Datasheet HTML 2Page - Unisonic Technologies 4051G-P16-R Datasheet HTML 3Page - Unisonic Technologies 4051G-P16-R Datasheet HTML 4Page - Unisonic Technologies 4051G-P16-R Datasheet HTML 5Page - Unisonic Technologies 4051G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4051
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 6
www.unisonic.com.tw
QW-R502-054.E
PI N CON FI GU RAT I ON
 PI N DESCRI PT I ON
PIN No.
SYMBAL
I/O
NAME AND FUNCTION
3
X
I/O
Common Input/Output
6
INH
I
Inhibit Inputs
7
VEE
Supply Voltage
8
VSS
Ground
11,10,9
A,B,C
I
Binary Control Inputs
13,14,15,12,1,5,2,4
X0~X7
I/O
Independent Inputs/Outputs
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com