Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393G-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM393G-P08-R
Description  DUAL DIFFERENTIAL COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM393G-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM393G-P08-R Datasheet HTML 1Page - Unisonic Technologies LM393G-P08-R Datasheet HTML 2Page - Unisonic Technologies LM393G-P08-R Datasheet HTML 3Page - Unisonic Technologies LM393G-P08-R Datasheet HTML 4Page - Unisonic Technologies LM393G-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM393
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R104-002.S
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±18 or 36
V
Differential Input Voltage
VI(DIFF)
±36
V
Input Voltage
VIN
-0.3 ~ +36
V
DIP-8
600
mW
SOP-8
420
mW
TSSOP-8
350
mW
MSOP-8
300
mW
Power Dissipation
DFN2020-8
PD
830
mW
Operating Temperature Range (Note 2)
TOPR
-40 ~ +125
C
Storage Temperature Range
TSTG
-65 ~ +150
C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. It is guarantee by design, not 100% be tested.
ELECT RI CAL CH ARACT ERI ST I CS
(VCC=5.0V, TA=25C, All voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
VCM=0V toVCC-1.5V
VO(P)=1.4V, RS=0
Ω
1.0
5.0
mV
Output Saturation Voltage
VSAT
VI(-)>1V, VI(+)=0V, ISINK=4mA
160
400
mV
Input Common Mode Voltage
VI(CM)
VCC=30V
0
VCC-1.5
V
Large Signal Voltage Gain
GV
VCC=15V, RL≧15K
Ω
50
200
V/mV
RL=, VCC=30V
0.8
2.5
mA
Power Supply Current
ICC
RL=
0.6
1.0
mA
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
65
250
nA
Output Sink Current
IO(SINK)
VI(-)>1V, VI(+)=0V, Vo(p)<1.5V
6
18
mA
Vo(p)= 5V
0.1
nA
Output Leakage Current
IO(LEAK)
VI(+)=1V, VI(-)=0
Vo(p)=30V
1.0
μA
Large Signal Response Time
tR
VIN=TTL logic wing
VREF=1.4V, VRL=5V, RL=5.1k
Ω
350
ns
Response Time
tR
VRL=5V,RL=5.1k
Ω
1400
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com