Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM393L-SM1-R
Description  DUAL DIFFERENTIAL COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM393L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM393L-SM1-R Datasheet HTML 1Page - Unisonic Technologies LM393L-SM1-R Datasheet HTML 2Page - Unisonic Technologies LM393L-SM1-R Datasheet HTML 3Page - Unisonic Technologies LM393L-SM1-R Datasheet HTML 4Page - Unisonic Technologies LM393L-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
LM393
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R104-002.S
DU AL DI FFEREN T I AL
COM PARAT OR
DESCRI PT I ON
The
UTC
LM393
consists
of
two
independent
voltage
comparators, designed specifically to operate from a single power
supply over a wide voltage range.
FEAT U RES
* Single or dual supply operation.
* Wide operating supply range
(VCC=2V ~ 36V or ±1 ~ ±18V)
* Input common-mode voltage includes ground.
* Low supply current drain ICC=0.8mA (Typical).
* Low input bias current IBIAS=25nA (Typical).
* Output compatible with TTL, DTL, and CMOS logic system.
 ORDERING INFORMATION
Ordering Number
Lead Free
Halogen-Free
Package
Packing
LM393L-D08-T
LM393G-D08-T
DIP-8
Tube
LM393L-S08-R
LM393G-S08-R
SOP-8
Tape Reel
LM393L-P08-R
LM393G-P08-R
TSSOP-8
Tape Reel
LM393L-SM1-R
LM393G-SM1-R
MSOP-8
Tape Reel
LM393L-K08-2020-R
LM393G-K08-2020-R
DFN2020-8
Tape Reel


Similar Part No. - LM393L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM393L-S08-R UTC-LM393L-S08-R Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
LM393L-S08-R UTC-LM393L-S08-R Datasheet
164Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
LM393L-S08-T UTC-LM393L-S08-T Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - LM393L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_10 Datasheet
164Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com