Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM393G-SM1-R
Description  DUAL DIFFERENTIAL COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM393G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM393G-SM1-R Datasheet HTML 1Page - Unisonic Technologies LM393G-SM1-R Datasheet HTML 2Page - Unisonic Technologies LM393G-SM1-R Datasheet HTML 3Page - Unisonic Technologies LM393G-SM1-R Datasheet HTML 4Page - Unisonic Technologies LM393G-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM393
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R104-002.S
T Y PI CAL CH ARACT ERI ST I CS
0
5
10
15
20
25
30
35
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
TIME (
μs)
0
0.4
0.8
1.2
1.6
0
2.0
4.0
6.0
-100
0
Reponse Time for Various Input Overdrive Negative
Transition
TA=25°C
input overdrive
50mV
20mV
5.0mV
10
-3
10
1
10
2
10
-2
10
-2
10
-1
10
-1
10
1
1
1
0
0.4
0.8
1.2
1.6
0
2.0
4.0
6.0
0
100
Reponse Time for Various Input Overdrive Positive
Transition
Supply Current
Supply Voltage (V)
Output Saturation Voltage
Output Sink Current (mA)
TA=25°C
Input Overdrive
TIME (
μs)
Input Current
Supply Voltage (V)
1.1
110
RL=
∞
Vcm=0VDC
Rcm=1G
Ω
TA=25°C
TA=-40°C
TA=125°C
TA=25°C
TA=-40°C
TA=125°C
TA=125°C
TA=-40°C
TA=25°C
50mV
20mV 5.0mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com