Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTL331 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTL331
Description  LOW POWER SINGLE VOLTAGE COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTL331 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTL331 Datasheet HTML 1Page - Unisonic Technologies UTL331 Datasheet HTML 2Page - Unisonic Technologies UTL331 Datasheet HTML 3Page - Unisonic Technologies UTL331 Datasheet HTML 4Page - Unisonic Technologies UTL331 Datasheet HTML 5Page - Unisonic Technologies UTL331 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UTL331/A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R104-005.E
T Y PI CAL CH ARACT ERI ST I CS
Supply Current vs. Supply Voltage
1.0
0.4
0
0
Supply Voltage (V)
10
20
30
40
Time (µS)
Response Time for vs. Input Overdrives
- Negative Transition
6
5
4
3
2
1
0
0
0.5
1
1.5
2
Input Current vs. Supply Voltage
0
Supply Voltage (V)
80
60
40
20
10
20
30
40
Response Time for vs. Input Overdrives
- Positive Transition
0.8
0.6
0.2
TA=-40°
С
TA=+25°
С
TA=+125°
С
R=
∞
0
-50
-100
TA=+25°
С
20mV
100mV
Input overdrive:5mV
+5V
5.1k
Ω
eI
eo
-
+
TA=-40°
С
TA=+25°
С
TA=+125°
С
Time (µS)
6
5
4
3
2
1
0
00.5
1
1.5
2
100
50
0
TA=+25°
С
20mV
5mV
Input overdrive:100mV
+5V
5.1k
Ω
eI
eo
Output Saturation Voltage vs. Output Current
Output Sink Current (mA)
10
1
10
0
10
-1
10
-2
10
-3
10
-2
10
-1
10
0
10
1
10
2
TA=+125°
С
TA=+25°
С
TA=-40°
С
Out of saturation
-
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com