Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4051L-P16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74HC4051L-P16-R
Description  8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4051L-P16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  U74HC4051L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4051L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
U74HC4051
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R502-374.F
T EST CI RCU I T S AN D WAV EFORM S(Cont .)
For AC performance
INPUT
TEST
SWITCH
VIS
tR,tF
tPZH
VEE
VCC
6ns
tPZL
VCC
VEE
6ns
tPHZ
VEE
VCC
6ns
tPLZ
VCC
VEE
6ns
tPLH
open
pulse
6ns
tPHL
open
pulse
6ns
Note:
Definitions for test circuit:
RL = load resistance
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tR=tF=6 ns; when measuring fMAX, there is no constraint to tr and tf with 50% duty factor(<2ns).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com