Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU4761L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU4761L-S08-R
Description  FLASHER IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4761L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU4761L-S08-R Datasheet HTML 1Page - Unisonic Technologies UU4761L-S08-R Datasheet HTML 2Page - Unisonic Technologies UU4761L-S08-R Datasheet HTML 3Page - Unisonic Technologies UU4761L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UU4761
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R121-031.B
FLASH ER I C
DESCRI PT I ON
The UTC UU4761 is a miconductor integrated circuit designed
for relay-controlled automotive flashers where a high level EMC is
required.
Lamp outage is indicated by frequency doubling during hazard
warning as well as direction mode.
FEAT U RES
* The static operating current<5mA
* Wide operating voltage range
* Very low susceptibility to EMI
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UU4761L-D08-T
UU4761G-D08-T
DIP-8
Tube
UU4761L-S08-R
UU4761G-S08-R
SOP-8
Tape Reel
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, S08: SOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
UU4761G-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package
M ARK I N G
DIP-8
SOP-8
UTC
UU4761
2
3
4
1
5
6
7
8
Date Code
Lot Code


Similar Part No. - UU4761L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4761L-D08-T UTC-UU4761L-D08-T Datasheet
144Kb / 4P
CMOS IC
More results

Similar Description - UU4761L-S08-R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
FLASHER IC WITH 19-M SHUNT
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
Flasher IC with 18-mOHM Shunt
logo
Hongfa Technology
JA3501 HONGFA-JA3501 Datasheet
36Kb / 1P
FLASHER
logo
BOWIN ELECTRONIC CO.
M34-1L BOWIN-M34-1L Datasheet
21Kb / 2P
M34-1L SINGLE OUTPUT LED FLASHER IC
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
M34-4L BOWIN-M34-4L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
M34-8L BOWIN-M34-8L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
logo
Unisonic Technologies
UU6043B UTC-UU6043B Datasheet
149Kb / 4P
FLASHER IC WITH 18m廓 SHUNT
UU6043B UTC-UU6043B_15 Datasheet
236Kb / 5P
FLASHER IC
UU6043B UTC-UU6043B_17 Datasheet
238Kb / 5P
FLASHER IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com