Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU4761G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UU4761G-S08-R
Description  FLASHER IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4761G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UU4761G-S08-R Datasheet HTML 1Page - Unisonic Technologies UU4761G-S08-R Datasheet HTML 2Page - Unisonic Technologies UU4761G-S08-R Datasheet HTML 3Page - Unisonic Technologies UU4761G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UU4761
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R121-031.B
ELECT RI CAL CH ARACT ERI ST I CS
VBATT=13.5V, TA=25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VBATT
Pin 2 and 6
9.5
13
18
V
R=2L (Note 1)
150
Supply Current
ICC
R=L (Note 1)
30
mA
IOH
RJ=100
Ω, Pin4=GND, Pin7=GND (Note 2)
120
200
mA
Output Current
IOL
RJ=100
Ω, Pin4=GND, Pin7=VCC (Note 2)
10
100
μA
R1=120K
Ω, C1=3.3µF, R=2L (Note 1)
70
80
90
T/M
Flasher Frequency
R1=120K
Ω, C1=3.3µF, R=1L (Note 1)
140
160
180
T/M
Control Signal Threshold
VPin2~VPin7
VPin2=13.5V, R3=330
Ω
51
mV
Notes: 1. L for lamp 12V/21W.
2. RJ for relay coil resistance 100
Ω.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com