Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP13 Datasheet(PDF) 2 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 2 Page - Hirose Electric

  RP13 Datasheet HTML 1Page - Hirose Electric RP13 Datasheet HTML 2Page - Hirose Electric RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Plug
RP13A - 12 P A - 13 S C (01)
qModel name : RP13A Series
wShell size : The shell size is the outer diameter of the mating
end of the plug.
eShell type
P : Straight plug
R : Receptacle
J : Jack
rShell variation : Connectors are distinguished by A, B, or C
if a variation is made within the series.
tNumber of contacts
yContact form
S : Female contact
P : Male contact
uContact termination type:
A : Straight, PCB dip
B : Right-angle, PCB dip
C : Contact termination by crimping
iOther specifications : A two-digit character is added to
indicate other specifications as needed.
Crimp contact
RP13A - SC - 2 1 1
qModel name : Indicates the series name.
RP13, RP13A, RP19
oContact type :
SC : Socket type crimp contact (female)
PC : Pin type crimp contact (male)
!0Contact form :
1 : Loose piece contacts
2 : Reel contacts
!1Barrel form :
RP13, RP13A
1 : For 18 to 22 AWG
2 : For 24 to 28 AWG
RP19 1 : For 18 to 22 AWG
2 : For 24 to 30 AWG
!2Identification of plating :
1 : Gold plating
2 : Silver plating
2
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com