Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400D Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5117400D
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400D Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5117400D Datasheet HTML 4Page - OKI electronic componets MSM5117400D Datasheet HTML 5Page - OKI electronic componets MSM5117400D Datasheet HTML 6Page - OKI electronic componets MSM5117400D Datasheet HTML 7Page - OKI electronic componets MSM5117400D Datasheet HTML 8Page - OKI electronic componets MSM5117400D Datasheet HTML 9Page - OKI electronic componets MSM5117400D Datasheet HTML 10Page - OKI electronic componets MSM5117400D Datasheet HTML 11Page - OKI electronic componets MSM5117400D Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MSM5117400D
8/14
Notes:
1.
A start-up delay of 200
µs is required after power-up, followed by a minimum of eight initialization
cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved.
2.
The AC characteristics assume tT = 5ns.
3.
VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times
(tT) are measured between VIH and VIL.
4.
This parameter is measured with a load circuit equivalent to 2 TTL load and 100pF.
5.
Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.)
limit, then the access time is controlled by tCAC.
6.
Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.)
limit, then the access time is controlled by tAA.
7.
tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit condition
and are not referenced to output voltage levels.
8.
tRCH or tRRH must be satisfied for a read cycle.
9.
tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the
data sheet as electrical characteristics only. If tWCS
≥ t
WCS (Min.), then the cycle is an early write
cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD
≥ t
CWD (Min.), tRWD
≥ t
RWD(Min.), tAWD
≥ t
AWD (Min.) and tCPWD
≥ t
CPWD (Min.), then the cycle is a
read modify write cycle and data out will contain data read from the selected cell; if neither of the
above sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
10. These parameters are referenced to the CAS leading edge in an early write cycle, and to the WE
leading edge in an OE control write cycle, or a read modify write cycle.
11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is
latched and remains in effect until the exit cycle is generated. In a test mode CA0 and CA1 are not
used and each DQ pin now accesses 4-bit locations. Since all 4DQ pins are used, a total of 16 data
bits can be written in parallel into the memory array. In a read cycle, if 4 data bits are equal, the DQ
pin will indicate a high level. If the 4 data bits are not equal, the DQ pin will indicate a low level.
The test mode is cleared and the memory device returned to its normal operating state by
performing a RAS-only refresh cycle or a CAS before RAS refresh cycle.
12. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified
value. These parameters should be specified in test mode cycle by adding the above value to the
specified value in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com