Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4216 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 2 Page - Linear Technology

  LTC4216 Datasheet HTML 1Page - Linear Technology LTC4216 Datasheet HTML 2Page - Linear Technology LTC4216 Datasheet HTML 3Page - Linear Technology LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4216
4216f
2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Bias Supply Range
●
2.3
6
V
VSENSEP
VSENSEP Supply Range
●
0
6
V
ICC
Bias Supply Current
VON = 2V, VFB = 2V
●
1.6
3
mA
VCC(UVL)
Bias Supply Undervoltage Lockout
VCC Rising
●
1.97
2.12
2.23
V
ΔVCC(UVL,HYST)
Bias Supply Undervoltage
●
50
120
190
mV
Lockout Hysteresis
ΔVCB(TH)
Circuit Breaker Trip Voltage Threshold
22.5
25
27.5
mV
(VSENSEP – VSENSEN)
●
21.5
25
28.5
mV
ΔVACL(TH)
Analog Current Limit Voltage Threshold
●
32
40
48
mV
(VSENSEP – VSENSEN)
ISENSEP(IN)
SENSEP Pin Input Current
VSENSEP = VSENSEN = VCC = 6V
●
20
70
250
µA
VSENSEP = VSENSEN = 0V, VCC = 6V
●
–7
–20
µA
ISENSEN(IN)
SENSEN Pin Input Current
VSENSEN = VSENSEP = VCC = 6V
●
10
15
µA
VSENSEN = VSENSEP = 0V, VCC = 6V
●
– 5
– 10
– 15
µA
12
11
10
9
8
7
1
2
3
4
5
6
13
FAULT
VCC
SENSEP
SENSEN
GATE
FB
RESET
ON
FILTER
TIMER
SS
GND
TOP VIEW
DE PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
Bias Supply Voltage (VCC)............................– 0.3V to 9V
Input Voltages
FB, ON, SS, SENSEP, SENSEN .................– 0.3V to 9V
TIMER, FILTER............................ – 0.3V to VCC + 0.3V
Output Voltages
⎯R⎯E⎯S⎯E⎯T, ⎯F⎯A⎯U⎯L⎯T ......................................... –0.3V to 9V
GATE...................................................... – 0.3V to 15V
ORDER PART
NUMBER
DE PART*
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is indicated by a label on the shipping container.
4216
LTC4216CDE
LTC4216IDE
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted. (Note 2)
Operating Temperature Range
LTC4216C ................................................ 0°C to 70°C
LTC4216I .............................................– 40°C to 85°C
Storage Temperature Range
MS .....................................................– 65°C to 150°C
DE......................................................– 65°C to 125°C
Lead Temperature (Soldering, 10sec)
MS Package...................................................... 300°C
ORDER PART
NUMBER
MS PART*
MARKING
LTBKV
LTC4216CMS
LTC4216IMS
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
RESET
ON
FILTER
TIMER
GND
10
9
8
7
6
VCC
SENSEP
SENSEN
GATE
FB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 13)
INTERNALLY CONNECTED TO GND
(PCB CONNECTION OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com