Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2746 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2746
Description  Single Supply Dual Operational Amplifier with Full Swing Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2746 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2746 Datasheet HTML 1Page - New Japan Radio NJM2746 Datasheet HTML 2Page - New Japan Radio NJM2746 Datasheet HTML 3Page - New Japan Radio NJM2746 Datasheet HTML 4Page - New Japan Radio NJM2746 Datasheet HTML 5Page - New Japan Radio NJM2746 Datasheet HTML 6Page - New Japan Radio NJM2746 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2746
-7-
Ver.2005-01-26
■ TYPICAL CHARACTERISTICS
[CAUTION]
The specifications on this data book are only given for information,
without any guarantee as regards either mistakes or omissions. The
application circuits in this data book are described only to show
representative usages of the product and not intended for the
guarantee or permission of any right including the industrial rights.
Total Harmonic Distortion
vs. Output Voltage
0.0001
0.001
0.01
0.1
1
0.01
0.11
10
Output Voltage [Vrms]
10kHz
1kHz
f=10Hz
V
+=5V, A
V=+1, RS=600Ω, RF=5kΩ, RG=5kΩ
BPF=10-80kHz, Ta=25°C
Total Harmonic Distortion
vs. Output Voltage
0.0001
0.001
0.01
0.1
1
0.01
0.11
10
Output Voltage [Vrms]
V
+=14V
V
+=5V
V
+=2.5V
f=1kHz, AV=+1, RS=600Ω, RF=5kΩ, RG=5kΩ
BPF=10-80kHz, Ta=25°C
Equivalent Input Noise Voltage
vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
110
100
1000
10000
Frequency [Hz]
V
+=5V, G
V=40dB, RF=10kΩ, RS=100Ω, Ta=25°C
1
10
100
1k
10k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com