Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPT49LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPT49LP
Description  Filter Response
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OPT49LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPT49LP Datasheet HTML 1Page - List of Unclassifed Manufacturers OPT49LP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Figure 1: step response vs. time
120%
100%
80%
60%
40%
20%
0%
time, 2/Fc per division from 0 to 16/Fc
Figure 2: passband phase response
0
o
-90
o
-180
o
-270
o
-360
o
-450
o
-540
o
frequency, 0.1Fc per division from 0 to 1.1Fc
Figure 3: passband amplitude response
.5dB
0dB
-.5dB
-1dB
-2dB
-3dB
frequency, 0.1Fc per division from 0 to 1.1Fc
Filter Response: Opt49LP
filter order and type:
n=8 lowpass
basic stopband:
-77dB at 1.5 times Fc
document number:
KT70180
this issue dated:
23 October 1997
Description
The Option 49LP response is a modified elliptic filter; it has
a flat passband with ripple of less than ±0.1dB up to the
cutoff frequency, and a stopband of -77dB starting at 1.5
times cutoff (figures 3 and 4). The phase response of such
filters is quite non-linear (shown in figures 2,6,7 and 9). See
figures 1 and 5, and the table overleaf, for details of
overshoot and settling behaviour.
Applications
This response shape has found wide acceptance as an
alias protection filter for applications where analysis is
carried out in the frequency domain (e.g. FFT analysis), and
wide sampled bandwidth is more important than the time
history of the waveform. Minimum suggested sample rate is
2.5 times the filter cutoff frequency.
Availability
Option 49LP was designed for, and is primarily used on the
VBF10M laboratory filter instrument and the VBF35
multichannel system, though it can be supplied on some
other Kemo products. For a similar, industry-standard
response on most multi-channel Kemo products, see Option
01LP (document number KT70086).
Figure 4: overall frequency response
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
frequency, logarithmic scale from 0.1Fc to 10Fc
UK:
Kemo ltd, 3 Brook Court, Blakeney Road
US:
Kemo, Inc, 190 Raven Road
Beckenham, Kent, BR3 1HG
Landrum, SC 29356
tel
(+44) 181 658 3838
tel
864 895 8100
fax
(+44) 181 658 4084
fax
864 895 8900


Similar Part No. - OPT49LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001 Datasheet
2Mb / 54P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
REVISED DECEMBER 2022
OPT4001 TI-OPT4001 Datasheet
2Mb / 50P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
MAY 2023
OPT4001 TI1-OPT4001 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
More results

Similar Description - OPT49LP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREFIR-XX ACTEL-COREFIR-XX Datasheet
187Kb / 14P
CoreFIR Finite Impulse Response (FIR) Filter Generator
logo
JL World Company Limite...
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
259Kb / 1P
Frequency Response
HMC0603A-65 JLWORLD-HMC0603A-65 Datasheet
397Kb / 1P
Frequency Response
HBO0603G-65 JLWORLD-HBO0603G-65 Datasheet
408Kb / 1P
Frequency Response
HBO0603G-65 JLWORLD-HBO0603G-65 Datasheet
408Kb / 1P
Frequency Response
logo
Mini-Circuits
35F-35F50 MINI-35F-35F50 Datasheet
150Kb / 1P
flat response
35F-35M50 MINI-35F-35M50 Datasheet
155Kb / 1P
flat response
NFFL-SF50 MINI-NFFL-SF50 Datasheet
152Kb / 1P
flat response
SF-35M50 MINI-SF-35M50 Datasheet
152Kb / 1P
flat response
SFFL-SF50 MINI-SFFL-SF50 Datasheet
202Kb / 1P
flat response
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com