Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP34L-5LP-3SC Datasheet(PDF) 2 Page - Hirose Electric

Part # RP34L-5LP-3SC
Description  Small I/O connectors for AC adapters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP34L-5LP-3SC Datasheet(HTML) 2 Page - Hirose Electric

  RP34L-5LP-3SC Datasheet HTML 1Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 2Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 3Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 4Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 5Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 6Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 7Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 8Page - Hirose Electric RP34L-5LP-3SC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Model name : RP34 Series
Shell size : The shell size is the outer diameter of the mating end of the plug.
Shell type
SP : Straight plug
P : Right-angled plug
R : Receptacle
Number of contacts :
Contact form
P : Male contact
S : Female contact
Contact termination method :
C : Crimp contact termination
DL : Right-angled dip method
Other specifications : A two-digit character is added to indicate other specifications.
Model name : RP34 Series
Contact type : SC = Crimped female contact
Contact packaging types :
1 : Loose piece contacts
2 : Reel contacts
Applicable wire :
1 : For 18 to 22 AWG
2 : For 24 to 28 AWG
Identification of plating : 2 : Silver plating
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Connector
Crimp contact
RP34 - 8SP - 3 S C (71)
RP34 - SC - 21 2
2
RP34 Series
●Small plastic connectors for AC adapters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com