Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP05310 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05310
Description  SAW Filter 869.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05310 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05310 Datasheet HTML 1Page - Golledge Electronics Ltd MP05310 Datasheet HTML 2Page - Golledge Electronics Ltd MP05310 Datasheet HTML 3Page - Golledge Electronics Ltd MP05310 Datasheet HTML 4Page - Golledge Electronics Ltd MP05310 Datasheet HTML 5Page - Golledge Electronics Ltd MP05310 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 869.0MHz
Model: TA1404A
Part No: MP05310
Rev No: 6
TA1404A v6
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 13dBm
2. DC Voltage: 6V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (single): ZS = 50Ω
2. Terminating load impedance (single): ZL = 50Ω
 
Item
Unit
Min
Typ.
Max
Center Frequency Fc
MHz
-
869
-
Insertion Loss (868 ~ 870MHz) IL
dB
2.3
3.0max
Amplitude ripple(868 ~ 870MHz)
dB
0.3
0.6max
Attenuation
100 ~ 300MHz
dB
45
50
300 ~ 845MHz
dB
40
45
845 ~ 853MHz
dB
38
43
879 ~ 883MHz
dB
15
30
883 ~ 915MHz
dB
40
45
915 ~ 945MHz
dB
45
50
945 ~ 1200MHz
dB
45
55
1200 ~ 2000MHz
dB
35
40
Package size
mm
SMD 3x3
C. TEST CIRCUIT:


Similar Part No. - MP05310

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05312 GOLLEDGE-MP05312 Datasheet
115Kb / 7P
SAW Filter 181.0MHz
MP05319 GOLLEDGE-MP05319 Datasheet
379Kb / 6P
SAW Filter: 2441.80MHz
More results

Similar Description - MP05310

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Abracon Corporation
AB ABRACON-AB Datasheet
2Mb / 4P
SMD 869.0MHz SAW Filter
07.09.14
AFS869.0W01-TS3 ABRACON-AFS869.0W01-TS3 Datasheet
978Kb / 2P
SMD 869.0MHz SAW Filter
08.26.11
logo
Golledge Electronics Lt...
MP03629 GOLLEDGE-MP03629 Datasheet
146Kb / 6P
SAW Filter: 869.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com