Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB140F-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB140F-C
Description  1Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB140F-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB140F-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB140F-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MB140F-C~MB1200F-C
40V~200V
1Amp Surface Mount Bridge Rectifiers
23-Jan-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Surge Current Capability
Designed for Surface Mount Application
MECHANICAL DATA
Case: MBF
Terminals: Solderable per MIL-STD-750, Method 2026
MARKING
Part Number
Marking
Part Number
Marking
MB140F-C
MB14F
MB1100F-C
MB110F
MB160F-C
MB16F
MB1200F-C
MB120F
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBF
5K
13 inch
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave 60Hz, resistive or inductive load,
For capacitive load current derate current by 20%.)
Part Number
Parameter
Symbol
MB140F-C
MB160F-C
MB1100F-C
MB1200F-C
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
60
100
200
V
Maximum RMS Voltage
VRMS
28
42
70
140
V
Maximum DC Blocking Voltage
VDC
40
60
100
200
V
Maximum Average Forward Current
IF(AV)
1
A
Peak Forward Surge Current @8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
40
30
A
Maximum Instantaneous Forward Voltage
@IF=1A
VF
0.55
0.7
0.85
0.9
V
TA=25°C
0.3
0.2
0.1
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TA=100°C
IR
10
5
2
mA
Typical Junction Capacitance
1
CJ
110
80
pF
Thermal Resistance Junction-Ambient
2
RθJA
100
°C/W
Operating and Storage Temperature Range
TJ, TSTG
125, -55~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 4V D.C.
2.
Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm)copper pad.
Part Number
Type
MB140F-C~MB1200F-C
Lead (Pb)-free and Halogen-free
MBF
Millimeter
Millimeter
Min.
Max.
REF.
Min.
Max.
A
4.5
5.0
F
0.2 TYP.
B
3.6
4.1
G
6.4
7.0
C
0.5
0.8
H
1.3
1.7
D
2.3
2.7
I
0.15
0.22
E
1.2
1.6
J
0.5
1.1


Similar Part No. - MB140F-C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MB140 LITEON-MB140 Datasheet
34Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MB140F-C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
MB12S-MB110S PFS-MB12S-MB110S Datasheet
613Kb / 2P
Surface Mount Schottky Bridge Rectifier 1Amp 20 to 100 Volts
logo
SeCoS Halbleitertechnol...
SM4001DT SECOS-SM4001DT Datasheet
331Kb / 2P
1Amp Surface Mount Silicon Rectifiers
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com