Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCESD0502L-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCESD0502L-C
Description  Ultra Low Capacitance TVS/ESD Protection Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCESD0502L-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCESD0502L-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCESD0502L-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCESD0502L-C
60W, 5V
Ultra Low Capacitance TVS/ESD Protection Diode
11-Oct-2018 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Peak Pulse Power @tp=8/20µs
PPP
60
W
Air Discharge
IEC 61000-4-2
Contact Discharge
VESD
±20
kV
Operating Temperature
TOPT
-55~125
°C
Storage Temperature
TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Working Voltage
VRWM
-
-
5
V
I/O-GND
Reverse Breakdown Voltage
VBR
6
-
-
V
IT=1mA
Between I/O and GND
Reverse Leakage Current
IR
-
-
100
nA
VRWM=5V
Between I/O and GND
-
-
10
IPP=1A, tp=8/20µs
Between I/O and GND
Clamping Voltage
VC
-
-
15
V
IPP=4A, tp=8/20µs
Between I/O and GND
Forward Voltage
VF
-
-
1.2
V
IT=10mA
Between I/O and GND
-
0.4
0.6
VR=0, f=1MHz
Between I/O and GND
Total Capacitance
CT
-
0.2
0.3
pF
VR=0, f=1MHz
Between I/O and I/O
CHARACTERISTICS CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com