Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3939ILQ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3939ILQ
Description  Power Amplifier Driver For Dual Band CDMA Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3939ILQ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3939ILQ Datasheet HTML 1Page - National Semiconductor (TI) LP3939ILQ Datasheet HTML 2Page - National Semiconductor (TI) LP3939ILQ Datasheet HTML 3Page - National Semiconductor (TI) LP3939ILQ Datasheet HTML 4Page - National Semiconductor (TI) LP3939ILQ Datasheet HTML 5Page - National Semiconductor (TI) LP3939ILQ Datasheet HTML 6Page - National Semiconductor (TI) LP3939ILQ Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD1,VDD2
−0.3V to +6.0V
EN_CELL, EN_PCS,
GAIN_MODE, INV_A1,
INV_A2, PA_ON, INV_Y1,
CELL_ON, CELL_GAIN,
PCS_ON, PCS_GAIN, INV_Y2
and A1_SINK
−0.3V to (V
DD + 0.3V)
GND to GND SLUG
±0.3V
Junction Temperature
150˚C
Maximum Power Dissipation
(Note 3)
2.0W
Storage Temperature
−65˚C to +150˚C
ESD (Note 4):
Human Body Model
2 kV
Machine Model
200V
Operating Ratings (Notes 1, 2)
V
DD1,VDD2
1.8V to 5.5V
Junction Temperature
−40˚C to +125˚C
Operating Temperature
−40˚C to +85˚C
Thermal Resistance
θ
JA (LLP16)
39.8˚C/W
Maximum Power Dissipation
(Note 5)
1.38W
DC Electrical Characteristics
Unless otherwise noted, V
DD1 =VDD2 = 3V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +85˚C. (Note 6)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
I
IN
Input Current
All Input Pins
0.05
5
µA
I
Q
Quiescent Current
All inputs tied to V
DD or ground.
No load at the outputs.
0.002
5
µA
I
LEAKAGE
Output Leakage Current
CELL_ON, PCS_ON
CELL_GAIN, PCS_GAIN
10
µA
A1_SINK
5
R
DS-ON
MOSFET’s ON Resistance
P-Ch, V
DD =3V
CELL_ON, PCS_ON
CELL_GAIN, PCS_GAIN
275
500
m
Ω
P-Ch, V
DD =2V
CELL_ON, PCS_ON
CELL_GAIN, PCS_GAIN
430
650
V
IH
Logic High Input
1.8V
≤ V
DD < 2.5V
EN_CELL, EN_PCS, INV_A1,
GAIN_MODE, INV_A2
1.4
V
2.5V
≤ V
DD
≤ 3.5V
EN_CELL, EN_PCS, INV_A1,
GAIN_MODE, INV_A2
2.0
V
IL
Logic Low Input
1.8V
≤ V
DD
≤ 3.5V
EN_CELL, EN_PCS, INV_A1,
GAIN_MODE, INV_A2
0.4
V
V
OH
Logic High Output
PA_ON, INV_Y1,
I
SOURCE =1mA
2.93
2.8
V
INV_Y2,
I
SOURCE =1mA
2.74
2.5
V
OL
Logic Low Output
PA_ON, INV_Y1, I
SINK =1mA
80
200
mV
INV_Y2, A1_SINK
I
SINK =1mA
16
55
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com